Part Number Hot Search : 
CM142 PA341 02CTRR1 PSME10 SMCJ15 K2623 LX2173 BU252
Product Description
Full Text Search
 

To Download IPB80N06S4-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB80N06S4-07 IPI80N06S4-07, IPP80N06S4-07
OptiMOS(R)-T2 Power-Transistor
Product Summary V DS R DS(on),max (SMD version) ID 60 7.1 80 V m A
Features * N-channel - Enhancement mode * AEC Q101 qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Green Product (RoHS compliant) * 100% Avalanche tested PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1
Type IPB80N06S4-07 IPI80N06S4-07 IPP80N06S4-07
Package PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1
Marking 4N0607 4N0607 4N0607
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol ID Conditions T C=25C, V GS=10V1) T C=100C, V GS=10V2) Pulsed drain current2) Avalanche energy, single pulse2) Avalanche current, single pulse Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS I AS V GS P tot T j, T stg T C=25C I D=40A T C=25C Value 80 58 320 71 80 20 79 -55 ... +175 55/175/56 mJ A V W C Unit A
Rev. 1.0
page 1
2009-03-24
IPB80N06S4-07 IPI80N06S4-07, IPP80N06S4-07
Parameter Symbol Conditions min. Thermal characteristics2) Thermal resistance, junction - case Thermal resistance, junction ambient, leaded SMD version, device on PCB R thJC R thJA R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0V, I D= 1mA V GS(th) I DSS V DS=V GS, I D=40A V DS=60V, V GS=0V V DS=60V, V GS=0V, T j=125C2) Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20V, V DS=0V V GS=10V, I D=80A V GS=10V, I D=80A, SMD version 60 2.0 3.0 0.01 5 6.2 5.9 4.0 1 100 100 7.4 7.1 nA m A V 1.9 62 62 40 K/W Values typ. max. Unit
Rev. 1.0
page 2
2009-03-24
IPB80N06S4-07 IPI80N06S4-07, IPP80N06S4-07
Parameter Symbol Conditions min. Dynamic characteristics2) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics2) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continous forward current2) Diode pulse current2) Diode forward voltage IS I S,pulse V SD T C=25C V GS=0V, I F=80A, T j=25C V R=30V, I F=50A, di F/dt =100A/s 0.6 0.95 80 320 1.3 V A Q gs Q gd Qg V plateau V DD=48V, I D=80A, V GS=0 to 10V 21 5.5 43 6.0 27 11 56 V nC C iss C oss Crss t d(on) tr t d(off) tf V DD=30V, V GS=10V, I D=80A, R G=3.5 V GS=0V, V DS=25V, f =1MHz 3460 850 35 15 3 23 5 4500 1105 70 ns pF Values typ. max. Unit
Reverse recovery time2)
t rr
-
39
-
ns
Reverse recovery charge2)
1)
Q rr
-
38
-
nC
Current is limited by bondwire; with an R thJC = 1.9K/W the chip is able to carry 82A at 25C. Specified by design. Not subject to production test.
2) 3)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.0
page 3
2009-03-24
IPB80N06S4-07 IPI80N06S4-07, IPP80N06S4-07
1 Power dissipation P tot = f(T C); V GS 6 V 2 Drain current I D = f(T C); V GS 6 V; SMD
90 80 70 60
100
80
60
P tot [W]
40 30 20 10 0 0 50 100 150 200
I D [A]
40 20 0 0 50 100 150 200
50
T C [C]
T C [C]
3 Safe operating area I D = f(V DS); T C = 25 C; D = 0; SMD parameter: t p
1000
4 Max. transient thermal impedance Z thJC = f(t p) parameter: D =t p/T
101
1 s
100 100
10 s
0.5
0.1
Z thJC [K/W]
I D [A]
100 s
10-1
0.05
0.01
10 10-2
1 ms single pulse
1 0.1 1 10 100
10-3 10-6 10-5 10-4 10-3 10-2 10-1 100
V DS [V]
t p [s]
Rev. 1.0
page 4
2009-03-24
IPB80N06S4-07 IPI80N06S4-07, IPP80N06S4-07
5 Typ. output characteristics I D = f(V DS); T j = 25 C; SMD parameter: V GS
320
10 V
6 Typ. drain-source on-state resistance R DS(on) = f(I D); T j = 25 C; SMD parameter: V GS
17
5V 6V 7V
280
8V
15
240 13 200
I D [A]
7V
R DS(on) [m]
160 120
11
8V
9
6V
80 7 40 0 0 1 2 3 4 5 6
5V
10 V
5 0 80 160 240 320
V DS [V]
I D [A]
7 Typ. transfer characteristics I D = f(V GS); V DS = 6V parameter: T j
320
-55 C
8 Typ. drain-source on-state resistance R DS(on) = f(T j); I D = 80 A; V GS = 10 V; SMD
12
280 240 200
25 C
10
160 120 80 40 0 2 3 4 5 6 7
175 C
R DS(on) [m]
8
I D [A]
8
6
4 -60 -20 20 60 100 140 180
V GS [V]
T j [C]
Rev. 1.0
page 5
2009-03-24
IPB80N06S4-07 IPI80N06S4-07, IPP80N06S4-07
9 Typ. gate threshold voltage V GS(th) = f(T j); V GS = V DS parameter: I D
4 104
10 Typ. capacitances C = f(V DS); V GS = 0 V; f = 1 MHz
3.5
Ciss
3
C [pF]
400 A
103
Coss
V GS(th) [V]
40 A
2.5
2
102
1.5
Crss
1 -60 -20 20 60 100 140 180
101 0 5 10 15 20 25 30
T j [C]
V DS [V]
11 Typical forward diode characteristicis IF = f(VSD) parameter: T j
103
12 Avalanche characteristics I A S= f(t AV) parameter: T j(start)
100
25 C 100 C
102
10
150 C
175 C
25 C
10
1
I AV [A]
1 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0.1 0.1 1 10 100 1000
I F [A]
V SD [V]
t AV [s]
Rev. 1.0
page 6
2009-03-24
IPB80N06S4-07 IPI80N06S4-07, IPP80N06S4-07
13 Avalanche energy E AS = f(T j); I D = 40 A 14 Drain-source breakdown voltage V BR(DSS) = f(T j); I D = 1 mA
80
66
64 60
40
V BR(DSS) [V]
62
E AS [mJ]
60
20 58
0 25 75 125 175
56 -55 -15 25 65 105 145
T j [C]
T j [C]
15 Typ. gate charge V GS = f(Q gate); I D = 80 A pulsed parameter: V DD
10 9 8 7 6
12 V 48 V
16 Gate charge waveforms
V GS
Qg
V GS [V]
5 4 3 2
V g s(th)
Q g (th)
1 0 0 10 20 30 40 50
Q sw Q gs Q gd
Q gate
Q gate [nC]
Rev. 1.0
page 7
2009-03-24
IPB80N06S4-07 IPI80N06S4-07, IPP80N06S4-07
Published by Infineon Technologies AG 81726 Munich, Germany
(c) Infineon Technologies AG 2009
All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 8
2009-03-24
IPB80N06S4-07 IPI80N06S4-07, IPP80N06S4-07
Revision History Version Date Changes
Revision 1.0
24.03.2009 Final data sheet
Rev. 1.0
page 9
2009-03-24


▲Up To Search▲   

 
Price & Availability of IPB80N06S4-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X